Part Number Hot Search : 
TEW4974 1212S SMAJ3 NCP6332C 1H273 SCS480N DM7405N S5973
Product Description
Full Text Search
 

To Download 550E006M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-C-24308 D-Subminiature
550-006 EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
550 T 006 M 2 F0 B 1-02 Basic Part No. Cable Entry Style T = Top S = Side E = End Basic Part Number Finish Symbol (Page 3) Shell Size (Table I) P 1.300 (33.3) Max 1.280 (32.5) Max S SIDE ENTRY Cable Entry Dash No. (Table II) 0 = Without EMI Gasket 1 = With EMI Gasket Jackscrew Type (Page A-4) Receptacle Mounting (Right Page) CC = Cable-to-Cable Mounting F0 = Front Mounting R1-R9 = Rear Mounting
T TOP ENTRY 1.300 (33.0) Max Crimp Ring (Supplied) J Typ H Typ K Typ
EMI Gasket (Optional) M L
E END ENTRY
N Color Code Bands
(c) 2004 Glenair, Inc.
Shell I.D. Typ
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-20
550-006 EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
TABLE I: SHELL SIZE & ENTRY STYLE
Com'l Style Style Shell Shell T E Size Size Ref Shell I.D. Shell I.D. 1 E/09 .250 (6.4) .375 (9.5) 2 A/15 .375 (9.5) .375 (9.5) 3 B/25 .475 (12.1) .475 (12.1) 4 C/37 .475 (12.1) .475 (12.1) 5 D/50 .575 (14.6) .575 (14.6) 6* F/104 .625 (15.9) n/a * Shell Size 6 Available in Top Entry Only. P Max .940 (23.9) .940 (23.9) 1.060 (26.9) 1.060 (26.9) 1.190 (30.2) 1.594 (40.5)
TABLE II: BACKSHELL DIMENSIONS & CABLE ENTRY
Dash H Dia No. .005 (.1) 06 .090 (2.3) 10 .124 (3.1) 13 .149 (3.8) 16 .175 (4.4) 20 .219 (5.6) 23 .250 (6.4) 26 .275 (7.0) 29 .297 (7.5) 30 .312 (7.9) 31 .375 (9.5) 32 .430 (10.9) 33 .550 (14.0) J Dia .005 (.1) .113 (2.9) .145 (3.7) .179 (4.5) .215 (5.5) .250 (6.4) .281 (7.1) .305 (7.7) .335 (8.5) .365 (9.3) .406 (10.3) .500 (12.7) .620 (15.7) K Dim .015 (.4) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .525 (13.3) .600 (15.2) .600 (15.2) L .005 .156 .187 .225 .261 .297 .327 .375 .405 .425 .500 .590 .710 Dia (.1) (4.0) (4.7) (5.7) (6.6) (7.5) (8.3) (9.5) (10.3) (10.8) (12.7) (15.0) (18.0) M .010 .194 .227 .256 .297 .335 .372 .406 .453 .473 .560 .670 .790 Dia (.3) (4.9) (5.8) (6.5) (7.5) (8.5) (9.4) (10.3) (11.5) (12.0) (14.2) (17.0) (20.1) N Dim .020 (.5) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .250 (6.4) .440 (11.2) .440 (11.2) Color Code Yellow Green Tin Yellow Green Tin Yellow Red Tin Green Red Blue
1. 2. 3. 4.
Metric dimensions (mm) are indicated in parentheses. DO NOT USE CONNECTORS WITH FLOAT MOUNTINGS. Overall shield thickness range: .020 (.5) to .050 (1.3). Crimp Ring Material: Tinned Copper per ASTMB188
(c) 2004 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-21
MIL-C-24308 D-Subminiature


▲Up To Search▲   

 
Price & Availability of 550E006M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X